Part Number Hot Search : 
MN15843 PCK3807A PMX1GJ OP216C MC380A2 VN2210 CM3001 HCT1G
Product Description
Full Text Search
 

To Download 0908790003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0908790003 Active
rast_5_connector_system 5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Right Angle, Male, Natural, Unblocked Position Keys: 1A & 5B, Unblocked Coding Keys: 01C & D30, Latch Position 1/2 2/3, 5 Circuits
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-99020-0037 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance?
Series
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Comments Overview Product Name PCB Headers 90879 Wire-to-Board Male Indirect Receptacle Reference K01 rast_5_connector_system RAST 5
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable No 2 2 Natural 10 No 94V-0 No No None Yes Brass Tin Polyester 1 Right Angle 0.154 In 3.90 mm No N/A 0.055 In 1.40 mm Bag 0.197 In 5.00 mm 0.197 In 5.00 mm Yes Yes Fully No
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 90879Series Mates With 91338 Appli-Mate Female Connector. AppliMate 5.0 IDT Connector System Female Receptacle 90833 , 90835. Appli-Mate RAST 5 IDT Housing 91777 , 91778
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No -20C TO +120C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 16A 250V AC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Process Temperature max. C 10 Wave Capable (TH only) 260
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-90858-001 PS-99020-0037 SD-90879-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0908790003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X